Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 38
May 11, 2026
RC193xx Datasheet
4.5.10 AMP_CTRL_DEF
Default Amplitude Selection Register.
3:0
amp_cntrl_alt_bnk0
RW
0xB
Alternate amplitude control for bank 0. When the multifunction pin is configured
as Amplitude Select, this field defines the single-ended output amplitude of the
Bank 0 (CLK[3:0]) when the pin = 1. When the multifunction pin is configured
as Slew Rate Selection, this field has no impact.
0x0 = 625mV
0x1 = 650mV
0x2 = 675mV
0x3 = 700mV
0x4 = 725mV
0x5 = 750mV
0x6 = 775mV
0x7 = 800mV
0x8 = 825mV
0x9 = 850mV
amp_cntrl_alt_bnk0 (continued)
0xA = 875mV
0xB = 900mV
0xC = 925mV
0xD = 950mV
0xE = 975mV
0xF = 1000mV
AMP_CTRL_DEF Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:4
amp_cntrl_def_bnk1
RW
0x7
Default amplitude control for bank 1. When the multifunction pin is configured
as Amplitude Select, this field defines the single-ended output amplitude of the
Bank 1 (CLK[7:4]) when the pin = 0. When the multifunction pin is configured
as Slew Rate Selection, this field determines the amplitude of bank 1
(CLK[7:4]).
0x0 = 625mV
0x1 = 650mV
0x2 = 675mV
0x3 = 700mV
0x4 = 725mV
0x5 = 750mV
0x6 = 775mV
0x7 = 800mV
0x8 = 825mV
0x9 = 850mV
amp_cntrl_def_bnk1 (continued)
0xA = 875mV
0xB = 900mV
0xC = 925mV
0xD = 950mV
0xE = 975mV
0xF = 1000mV
AMP_CTRL_ALT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com