Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 5Page - STMicroelectronics STB5701 Datasheet HTML 6Page - STMicroelectronics STB5701 Datasheet HTML 7Page - STMicroelectronics STB5701 Datasheet HTML 8Page - STMicroelectronics STB5701 Datasheet HTML 9Page - STMicroelectronics STB5701 Datasheet HTML 10Page - STMicroelectronics STB5701 Datasheet HTML 11Page - STMicroelectronics STB5701 Datasheet HTML 12Page - STMicroelectronics STB5701 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
STB5701
Block diagram and pin configuration
9/35
Pin
Name
I/O
type
I/O schematic
Description
19
PK2
I/O
Max. peak detector
20
PK1
I/O
Min. peak detector
21
FSK_Discrim
I/O
FSK discriminator
22
Chan_Filter3
I/O
Channel filter
23
Chan_Filter2
I/O
Channel filter
24
Chan_Filter1
I/O
Channel filter
25
SAD
I
I2C address selection
Table 2.
Pin description (continued)
PK2
Vcc
Vcc
PK1
Vcc
Vcc
FSK_Discr
Chan_Filter3
Vcc
Vcc
Vcc
Chan_Filter2
Vcc
Vcc
Chan_Filter1
Vcc
SAD
Vcc
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com