Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 19Page - STMicroelectronics STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
STB5701
Functional description
23/35
4.3.4
Min /Max peak detector
The peak detector embedded in the STB5701, in conjunction with an external RC filter
(PINs 22, 23, 24), generates a DC output voltage equal to the mean of the min and max
peak value of the data signal. The resistor provides a path for the capacitor to discharge,
allowing the peak detector to dynamically follow peak changes of the data filter output
voltage.
4.3.5
Data slicer
The purpose of the data slicer is to take the analog output of the data filter and convert it to
a digital signal. This is achieved by using a comparator and comparing the analog input to a
threshold voltage. One input is supplied by the data filter output.
The other path is fed to the min/max Peak detector to derive the average value (DC
component) as an adaptive slice reference which is presented to the positive comparator
input. The adaptive reference allows detecting the received data over a large range of noise
floor levels.
4.4
Digital control and source selection
Figure 7.
Digital section block diagram
The STB5701 digital section is responsible for the following functions:
●
Configuration of the RF front end through software programmable config bits.
●
Configuration of the PLL through software programmable registers (PLLA,M,R).
●
Detection of a pre-programmed start code sequence (one of two possibilities).
●
Arbitration between UHF and IR sources.
The serial data emerges from the DATA output pin (PIN 17) and the system state emerges
from the STATE output pin (PIN 14).
I2C
Interface
Data Slicer
SCD
Digital
Section
Test_EN
Pin 28
SAD
Pin 25
Clk
DOUT (17)
notReset
18
SCL
(12)
SDA
(13)
IR_IN
(15)
Vcc_Dig
(16)
STATE
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com