Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics STB5701 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Functional description
STB5701
26/35
4.6
Registers list
Two unique I2C addresses have been reserved for the STB5701 device, the appropriate one
is selected using the SAD input pin.
4.7
Register summary
The I2C mapped address space of the STB5701 is given below:
Table 7.
I2C reserved addresses
SAD
Address
0
0110010x
Unique to this device.
1 (spare)
0110011x
Table 8.
I2C address breakdown
Base address
Group
Description
0x00
Top Level
See table 9 below
0x80
SCD Block
See table 10 below
Table 9.
I2C mapped top level registers - summary
Address
Name
Reset value
Function
0x00
DIG_config
0x00000000 Digital configuration
0x04
RF_config
0x00000000 Configure RF front end
0x08
PLL_A
0x00000000 PLL post divider
0x0C
PLL_M
0x00000000 PLL feedback divider
0x10
PLL_R
0x00000000 PLL reference divider
Table 10.
I2C mapped SCD registers - summary
Address
Name
Reset value
Function
0x80
Scd_config
0x00000000 SCD configuration register.
0x84
Scd_status
0x00000000 SCD status can be read from this register.
0x88
Scd_code
0x00000000 Expected Start code is stored in this register.
0x8C
Scd_code_length
0x00000000
Length of the start code is stored in this
register.
0x90
Scd_symbol_min_time
0x00000000
Minimum time of the symbol is stored in this
register.
0x94
Scd_symbol_max_time 0x00000000
Maximum time of the symbol is stored in this
register.
0x98
Scd_symbol_nom_time 0x00000000 Nominal symbol time is stored in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com