Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics STB5701 Datasheet HTML 30Page - STMicroelectronics STB5701 Datasheet HTML 31Page - STMicroelectronics STB5701 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Functional description
STB5701
28/35
Table 13.
PLL_A register
PLL_A
0x08
R/W
Bit
Bit field
Reset
state
Function
2:0
PLL_A
SAD = 0:
0x1
SAD= 1:
0x7
PLL post divider value.
Reset value determined by level on SAD input.
31:3
Reserved
0x00
0x00
Table 14.
PLL_M register format
PLL_M
0x0C
R/W
Bit
Bit field
Reset state
Function
9:0
PLL_M
SAD = 0:
0x1D5
SAD= 1:
0x1CD
PLL feedback divider value.
Reset value determined by level on SAD input.
31:10
Reserved
0x00
0x00
Table 15.
PLL_R register format
PLL_R
0x10
R/W
Bit
Bit field
Reset state
Function
9:0
PLL_R
000
PLL reference divider value
31:10
Reserved
0x00
0x00
Table 16.
SCD_config register format
SCD_config
0x80
R/W
Bit
Bit field
Reset state
Function
0Enable
0
1: Enables the start code detection circuit
0: By passes SCD, UHF in fed to UHF out
1
Re-search
0
1: Start a fresh research.
Reset automatically to ‘0’ on re-search start
2
Soft_rst
0
1: Resets all the counters and shift register
3
Reset_shift_reg
0
1: Reset only shift register. Status register is not affected.
31:4
Reserved
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com