Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 14Page - STMicroelectronics STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics STB5701 Datasheet HTML 19Page - STMicroelectronics STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Functional description
STB5701
18/35
4.2
Programmable Phase Locked Loop synthesizer (PLL)
Figure 3.
PLL block diagram
The synthesized programmable local oscillator is a Phase Locked Loop (PLL) using a
'parallel-resonant' quartz crystal as frequency reference. The PLL block contains a phase
detector, charge pump, VCO, Programmable N and R Divider and a Crystal Oscillator. The
synthesized frequency (fVCO) is set by programming the 'N' Divider through the I2C
interface (PINs 12, 13).
fR = fXTAL / R
fVCO = N
. f
N = N
.
fR = (N / R)
.
fXTAL
4.2.1
Divider (a-counter, m-counter and prescaler)
The main divider (N) of the PLL contains a 3-bit A-counter, a 10-bit M-counter and an 8/9
prescaler. The divider ratio of the prescaler is controlled by the program counter and the
swallow counter. During one cycle, the prescaler divides by 9 until the swallow A-counter
reaches its terminal count. Afterwards the prescaler divider by 8 until the program counter
reaches its terminal count. Therefore the overall feedback divider ratio can be expressed as:
N = 9 . A + 8
. (M - A)
VCO
PLL
Synthetizer
PFD
CP
Pierce
Crystal
Oscillator
1 R
1 N
: 2
Clk
I2C
(PLL_A, PLL_M)
I2C
(PLL_R)
I2C
(CLKOUT_ENABLE)
(5) XTAL2
(6) XTAL1
(4) VCC_XTAL
(3) VCC_Div
(8) LF
CK_OUT
(7)
EN_Xtal
10
NC
(11)
VCC_VCO
(9)
Image Rejection Mixer
2 f
VCO
f
VCO
f
N
f
R
f XTAL
TANK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com