Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 9Page - STMicroelectronics STB5701 Datasheet HTML 10Page - STMicroelectronics STB5701 Datasheet HTML 11Page - STMicroelectronics STB5701 Datasheet HTML 12Page - STMicroelectronics STB5701 Datasheet HTML 13Page - STMicroelectronics STB5701 Datasheet HTML 14Page - STMicroelectronics STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
STB5701
Electrical specifications
13/35
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality document
2.2
Thermal data
Table 4.
Absolute maximum ratings (Tamb = 25
oC)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
Tj
Junction temperature
-40 to 150
oC
Tstg
Storage temperature
-55 to + 150
oC
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
Ta
Operating temperature
0 + 70
oC
θth
Thermal resistance junction to ambient
40
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com