Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics STB5701 Datasheet HTML 19Page - STMicroelectronics STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
STB5701
Functional description
19/35
The A-counter configuration represents the lower bits in the feedback divider register and
the upper bits the M-counter configuration respectively. According to that, the following
counter ranges are implemented:
0
≤ A ≤ 7
7
≤ M ≤ 1023
and therefore the range of the overall feedback divider ratio results in:
56
≤ N ≤ 8191
The user does not need to care about the A- and M-counter settings. It is only necessary to
know the overall feedback divider ratio N to program the register settings.
4.2.2
Reference divider
The reference divider reduces the frequency of the external crystal (FXTAL) to an internal
reference frequency (FR) used for the phase-locked loop.
This value, corresponding to the channel step, it is set by programming a 10-bit counter
through the I2C interface (PINs 12, 13).
Therefore the range of the Reference divider ratio is:
0
≤ R ≤ 1023
4.2.3
Phase Frequency Detector
The phase detector (PFD) is a device that compares two input (fN and fR) phases,
generating an output that is a measure of their phase difference.
The gain of the phase detector can be expressed as:
KPD = ICP / 2π
where ICP is the charge pump current.
If fR doesn't equal fN, the phase-error signal, after being filtered and amplified, causes the
VCO frequency to deviate in the direction of fR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com