Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 11Page - STMicroelectronics STB5701 Datasheet HTML 12Page - STMicroelectronics STB5701 Datasheet HTML 13Page - STMicroelectronics STB5701 Datasheet HTML 14Page - STMicroelectronics STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics STB5701 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
STB5701
Electrical characteristics
15/35
VOL
Output logic
voltage low
0.4
V
VHYST
Hysteresis of
schmitt trigger
for inputs
0.05 Vcc
V
tof
Output fall time
from VIHmin to
VILmax with a
bus capacitance
from 10pF to
400pF
20+ 0.1Cb
250
ns
Ii
Input current
each I/O pin with
an input voltage
between 0.1Vcc
and 0.9Vcc
-10
10
µA
Ci
Capacitance for
each I/O pin
10
pF
Cb
Capacitive load
for each bus line
400
pF
I2C Standard mode
fSCL
SCL clock
frequency
0
100
kHz
tSU_STA
Setup time for
START condition
4.7
µs
tHD_STA
Hold time for
START condition
4µs
tHIGH
SCL high time
4
µs
tLOW
SCL low time
4.7
µs
tSU_DAT DATA setup time
250
ns
tHD_DAT
DATA hold time
0
3.45
µs
tR
SDA, SCL rise
time
1000
ns
tF
SDA, SCL fall
time
300
ns
tSU_STO
Setup time for
STOP condition
4µs
tBUF
Bus free time
between STOP
and START
condition
4.7
µs
Table 6.
Electrical characteristics (continued)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com