Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 10Page - STMicroelectronics STB5701 Datasheet HTML 11Page - STMicroelectronics STB5701 Datasheet HTML 12Page - STMicroelectronics STB5701 Datasheet HTML 13Page - STMicroelectronics STB5701 Datasheet HTML 14Page - STMicroelectronics STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical characteristics
STB5701
14/35
3
Electrical characteristics
(VCC = 3.3 V, Zs = 50 Ω, Ta = 25
oC, unless otherwise specified).
Table 6.
Electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.7
3.3
3.6
V
frx
Receive
frequency range
350
400
MHz
∆f
FSK frequency
deviation
25
37.5
50
kHz
Irx_FSK
FSK receive
current
consumption
High gain LNA
25
mA
Icc_standby
Standby current
consumption
RF Enable
bit=0
En_Xtal
(PIN 10) high /
floating
En_Xtal (PIN 10)
low
5
20
mA
µA
FSK data rate
(Manchester encoding)
2
10
kbps
RLin
Input return loss
10
dB
Max RF power
input
0dBm
Pmin
Input sensitivity
2 kbps
manchester
encoding
BER
≤10-3
BW = 300KHz
FSK 37.5 KHz
deviation
RF1 =369.5MHz
RF2 = 371.1MHz
RF3 = 375.3MHz
RF4 = 376.9MHz
RF5 = 388.3MHz
RF6 = 391.5MHz
RF7 = 394.3MHz
RF8 = 395.9MHz
-109
dBm
RFX +/-30KHz
-103
dBm
Channel
blocking (1)
+/-1MHz
+/-6MHz
50
50
dBc
dBc
Image Rejection
35
dB
I2C I/O pins
VIH
Input logic
voltage high
0.7 Vcc
3.6
V
VIL
Input logic
voltage low
-0.5
0.3Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com