Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics STB5701 Datasheet HTML 30Page - STMicroelectronics STB5701 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
STB5701
Functional description
27/35
4.8
Detailed display description
0x9C
Scd_prescaler
0x00000001 Value of prescaler for sampling is stored.
0xA0
Interrupt_enable
0x00000000
Interrupt enable register value is stored in this
register.
0xA4
Interrupt_clear
0x00000000
Interrupt clear register value is stored in this
register.
0xA8
Timeout
0x00000000 Timeout for SCS based on prescaler tick.
Table 10.
I2C mapped SCD registers - summary (continued)
Address
Name
Reset value
Function
Table 11.
DIG_config register format
DIG_Config
0x00
R/W
Bit
Bit field
Reset
state
Function
1:0
MODE
00
00: UHF direct
01: IR direct
10: UHF triggered (DOUT = 0 when no trigger)
11: IR or UHF triggered
2
STATE_SEL
0
1: STATE is driven by the SCD interrupt output
0: STATE is driven by the SCD detect state
3
STATE_INV
0
1: Invert the STATE output
4STATE_DRIVE
0
0: Open drain
1: Push pull
5
CLKOUT_ENABLE
0
1: Enable clock output buffer
31:6
Reserved
0x00
0x00
Table 12.
RF_Config register format
RF_Config
0x04
R/W
Bit
Bit field
Reset
state
Function
0
RF_ENABLE
0
1: Enable front end
0: Disable front end
1ASK_NOTFSK
0
1: ASK detection
0: FSK detection
2LNA_GAIN
0
1: Enable AGC
0: Disable AGC (high gain)
3
Not used
0
31:4
Reserved
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com