Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics STB5701 Datasheet HTML 19Page - STMicroelectronics STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
STB5701
Functional description
21/35
4.3.2
Image Rejection Mixer
Figure 5.
Mixer block diagram
An excellent feature of the STB5701 is the integrated image rejection mixer. This device
was designed to eliminate the need for a costly front-end SAW filter for many applications.
The advantage of not using a SAW filter is increased sensitivity, simplified antenna
matching, less board space, and lower cost.The mixer cell is a pair of double-balanced
mixers that perform an IQ down conversion of the 350-400MHz RF input to the IF
(10.7MHz) with low-side injection (i.e., fRF = fLO - fIF). The Image Rejection circuit combines
these signals to achieve ~35dB of Image Rejection over the full temperature range.
Low-side injection is required due to the on-chip Image Rejection architecture.
4.3.3
ASK/FSK demodulator and data filter
The received signal strength indicator (RSSI) voltage is proportional to the log of the down-
converted RF signal at the IF limiting amplifier input. It also used as demodulator for
amplitude-shift \ keying (ASK) modulation. The signal coming from the RSSI amplifier is
converted into the raw data signal by the ASK/FSK demodulator. The ASK or FSK
modulation selection is set by I2C interface.
The dynamic range of the RSSI amplifier is exceeded if the RF input signal is about 80
dB higher compared to the RF input signal at full sensitivity.
In FSK mode, the S/N ratio is not affected by the dynamic range of the RSSI amplifier but at
FSK receive mode the RSSI output provides a field strength indication.
Coming from the RSSI the FSK signal is fed to the input of the FSK demodulator. After
buffering the signal is fed to a phase discriminator. The phase shift is generated by
an external 10.7MHz Ceramic discriminator connected to FSK_Discr. (PIN 21).
The FSK demodulator is intended to be used for an FSK deviation of 37.5 kHz. Lower values
may be used but the sensitivity of the receiver is reduced in that condition. After
demodulation a 2nd order Sallen and Key filter is provided in order to suppress unwanted
frequency components.
s
I
s
Q
RFAmp
Image Rejection Mixer
IF Filter
I2C
(SC_FILTER)
(31)
Vcc_MIX
LNA
VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com