Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
STB5701
Functional description
25/35
4.5
Start code detection example
This section explains the operation of the start code detector with reference to the start code
sequence illustrated in the following figure:
Figure 8.
START code
Firstly we assume the nominal symbol duration is 500 µs, in this example there are then
13 symbol (denoted as 12 to 0 in the figure above).
If the device is operating from a 27 Mhz external clock then we program the prescaler to 27.
The internal sampling clock will be 1Mhz and the sampling resolution will be 1us. To add
some error tolerance we also program an upper and lower bound on the symbol duration as
well as the nominal value. In this case 400 (corresponding to 400us) in
SCD_symbol_min_time register, 500 (corresponding to 500us) in SCD_symbol_nom_time
and 600 (corresponding to 600us) in SCD_symbol_max_time.
Now we program 0b1001111001111 into the SCD_code register and 13 (0x0d)
corresponding to 13 symbols to be detected into the SCD_code_length register. The start
code detection is started by setting the enable and research bits in SCD_config register to
‘1’.
The start code detector checks for the minimum symbol time of each symbol and the
sequence in which symbols are received. If the symbol time is not respected by the input
(incase of noise) the start code detection is re-initialized.
The detector is capable of simultaneously searching for two different start codes, the
alternative code is written into the upper 16 bits of SCD_code register.
500 µs
1 ms
1 ms
2 ms
2 ms
0
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com