Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics STB5701 Datasheet HTML 22Page - STMicroelectronics STB5701 Datasheet HTML 23Page - STMicroelectronics STB5701 Datasheet HTML 24Page - STMicroelectronics STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Functional description
STB5701
24/35
4.4.1
State pin
The STATE output pin may be configured in one of two ways:
●
To reflect the state of the start code detection block officiated = detected, 0 = searching
or off), the state can be cleared by a programmable time out or a software reset.
●
To operate as a true interrupt with associate status bit and a software clearing
mechanism.
The state output may be optionally inverted.
4.4.2
Data pin
The DATA output pin is driven by one of two sources:
●
The IR_IN pin.
●
The UHF input from the RF front end.
4.4.3
MODE register
The DATA source selected at any time is governed by the MODE register, the options are as
follows:
●
IR_IN only, direct connection.
●
UHF only, direct connection.
●
IR triggered, the output is zero and switched to UHf on detection of a valid start code.
●
IR/UHF arbitrated, the output comes by default from IR_IN, however on detection of a
valid start code the output is switched to select the UHF source. The switch back to IR
is accomplished in one of two ways.
A software reset is programmed.
The time-out counter has been set and has timed out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com