Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 25Page - STMicroelectronics STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics STB5701 Datasheet HTML 30Page - STMicroelectronics STB5701 Datasheet HTML 31Page - STMicroelectronics STB5701 Datasheet HTML 32Page - STMicroelectronics STB5701 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
STB5701
Functional description
29/35
Note:
This register holds each start code to be detected.
Note:
The length of the start code is stored in this register. If the start code length is 10 symbol
then 10 has to be written into this register. Writing 0x00 disables the SCD.
Note:
The minimum time of the symbol in terms of pre-scaler ticks is stored in this register. If
any symbol violates the minimum symbol time, the SCD process is re-initialized. If a value
0x10 is written into this register, the symbol min. time is 16 pre-scaler clock periods.
Table 17.
SCD_status register format
SCD_status
0x84
R
Bit
Bit field
Reset state
Function
0
Detect
0
1: Start code detected, UHF in fed to UHF out
1:2
Reserved
0
00
3
Alternative
0
1: The alternative code was detected
31:4
Reserved
0x00
0x00
Table 18.
SCD_code register format
SCD_code
0x88
R/W
Bit
Bit field
Reset state
Function
15:0
Code
0x00
Start code to be detected
31:16
Alt_code
0x00
Alternative start code to be detected
Table 19.
SCD_code_lenth register format
SCD_code_lenth
0x8C
R/W
Bit
Bit field
Reset
state
Function
4:0
Code_length
0
Length of the start code
15:5
Reserved
0x00
0x00
20:16
Alt_code_length
0
Length of the alternative start code
31:21
Reserved
0x00
0x00
Table 20.
SCD_symbol_min_time register format
SCD_symbol_min_time
0x90
R/W
Bit
Bit field
Reset state
Function
15:0
Min_time
0x00
Minimum symbol time
31:16
Reserved
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com