Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 13Page - STMicroelectronics STB5701 Datasheet HTML 14Page - STMicroelectronics STB5701 Datasheet HTML 15Page - STMicroelectronics STB5701 Datasheet HTML 16Page - STMicroelectronics STB5701 Datasheet HTML 17Page - STMicroelectronics STB5701 Datasheet HTML 18Page - STMicroelectronics STB5701 Datasheet HTML 19Page - STMicroelectronics STB5701 Datasheet HTML 20Page - STMicroelectronics STB5701 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
STB5701
Functional description
17/35
4
Functional description
4.1
General description
The STB5701 FSK/ASK receiver is a heterodyne configuration (10.7 MHz IF Frequency)
and it is designed for applications in the 350MHz to 400MHz frequency range and includes
ASK and FSK detectors. The synthesizer has a typical channel spacing of better than 100
kHz and uses a integrated fully VCO. With the STB5701 receiver chip, various circuit
configurations can be arranged in order to meet a number of different customer
requirement.
The STB5701 is housed in a VQF package 5mm x 5mm 32 leads.
The STB5701 receiver IC consists of the following building blocks:
●
Phase Locked Loop Synthesizer (PLL): M-Counter, A-Counter, Prescaler, Phase-
Frequency Detector (PFD), Charge Pump (CP), Voltage Controlled Oscillator (VCO).
●
Programmable reference divider for crystal and channel step selection.
●
Low Noise Amplifier (LNA) with AGC function for high sensitivity and dynamic range RF
signal reception.
●
Image Rejection Mixer for down conversion of the RF signal to the IF (without external
saw image filter).
●
IF amplifier to amplify and limit the IF signal and for RSSI generation.
●
Phase coincidence demodulator to demodulate the IF signal.
●
Operation amplifier for data slicing, filtering and ASK detection.
●
Min/max peak detector to create a DC output voltage equal to the mean of the min and
max peak value of the data signal.
●
I2C bus to exchange data between the STB5701 and the micro.
●
Start code detector (SCD) to recognize a valid data signal to prevent continuos toggling
of data in the absence of an RF Signal due to the noise.
●
Bias circuitry for band gap biasing and circuit shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com