Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5701 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STB5701
Description  350 to 400 MHz FSK/ASK receiver (ST-RECORD01 family)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5701 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STB5701 Datasheet HTML 26Page - STMicroelectronics STB5701 Datasheet HTML 27Page - STMicroelectronics STB5701 Datasheet HTML 28Page - STMicroelectronics STB5701 Datasheet HTML 29Page - STMicroelectronics STB5701 Datasheet HTML 30Page - STMicroelectronics STB5701 Datasheet HTML 31Page - STMicroelectronics STB5701 Datasheet HTML 32Page - STMicroelectronics STB5701 Datasheet HTML 33Page - STMicroelectronics STB5701 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Functional description
STB5701
30/35
Note:
The maximum time of the symbol is stored in this register. Any changes in the input data are
allowed only between symbol minimum time and symbol maximum time. The symbol time
counting is done by a clock (enable pulse) which ia output of pre-scaler. If a value 0x10 is
written into this register, the symbol max time is 16 pre-scaler clock periods.
Note:
The nominal time of the symbol in terms of pre-scaler ticks is stored in this register. This
value is used to register a new symbol when consecutive symbols with same logical value
are received. If a value 0x10 is written into this register, the symbol nominal time is 16 pre-
scaler clock periods.
Note:
The nominal time of the symbol is stored in this register.
Note:
The interrupt enable register value is stored in this register.
Table 21.
SCD_symbol_max_time register format
SCD_symbol_max_time
0x94
R/W
Bit
Bit field
Reset state
Function
15:0
Max_time
0x00
Maximum symbol time
31:16
Reserved
0x00
0x00
Table 22.
SCD_symbol_nom_time register format
SCD_symbol_nom_time
0x98
R/W
Bit
Bit field
Reset state
Function
15:0
Nom_time
0x00
Nominal symbol time
31:16
Reserved
0x00
0x00
Table 23.
SCD_prescaler register format
SCD_prescaler
0x9C
R/W
Bit
Bit field
Reset state
Function
15:0
prescaler
0x01
Pre scaler division value is stored in this register
31:16
Reserved
0x00
0x00
Table 24.
Interrupt_enable register format
Interrupt_enable
0xA0
R/W
Bit
Bit field
Reset state
Function
0
scd_detected
0
1 Enable interrupt
0 Disable interrupt
31:1
Reserved
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com