Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 43Page - Infineon Technologies AG C167CS-L Datasheet HTML 44Page - Infineon Technologies AG C167CS-L Datasheet HTML 45Page - Infineon Technologies AG C167CS-L Datasheet HTML 46Page - Infineon Technologies AG C167CS-L Datasheet HTML 47Page - Infineon Technologies AG C167CS-L Datasheet HTML 48Page - Infineon Technologies AG C167CS-L Datasheet HTML 49Page - Infineon Technologies AG C167CS-L Datasheet HTML 50Page - Infineon Technologies AG C167CS-L Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
43
V2.2, 2001-08
ONES
b FF1EH
8FH
Constant Value 1’s Register (read only)
FFFFH
P0H
b FF02H
81H
Port 0 High Reg. (Upper half of PORT0)
00H
P0L
b FF00H
80H
Port 0 Low Reg. (Lower half of PORT0)
00H
P1DIDIS
FEA4H
52H
Port 1 Digital Input Disable Register
0000H
P1H
b FF06H
83H
Port 1 High Reg. (Upper half of PORT1)
00H
P1L
b FF04H
82H
Port 1 Low Reg. (Lower half of PORT1)
00H
P2
b FFC0H
E0H
Port 2 Register
0000H
P3
b FFC4H
E2H
Port 3 Register
0000H
P4
b FFC8H
E4H
Port 4 Register (8 bits)
00H
P5
b FFA2H
D1H
Port 5 Register (read only)
XXXXH
P5DIDIS
b FFA4H
D2H
Port 5 Digital Input Disable Register
0000H
P6
b FFCCH
E6H
Port 6 Register (8 bits)
00H
P7
b FFD0H
E8H
Port 7 Register (8 bits)
00H
P8
b FFD4H
EAH
Port 8 Register (8 bits)
00H
PECC0
FEC0H
60H
PEC Channel 0 Control Register
0000H
PECC1
FEC2H
61H
PEC Channel 1 Control Register
0000H
PECC2
FEC4H
62H
PEC Channel 2 Control Register
0000H
PECC3
FEC6H
63H
PEC Channel 3 Control Register
0000H
PECC4
FEC8H
64H
PEC Channel 4 Control Register
0000H
PECC5
FECAH
65H
PEC Channel 5 Control Register
0000H
PECC6
FECCH
66H
PEC Channel 6 Control Register
0000H
PECC7
FECEH
67H
PEC Channel 7 Control Register
0000H
PICON
b F1C4H E E2H
Port Input Threshold Control Register
0000H
POCON0H
F082H
E 41H
Port P0H Output Control Register
0000H
POCON0L
F080H
E 40H
Port P0L Output Control Register
0000H
POCON1H
F086H
E 43H
Port P1H Output Control Register
0000H
POCON1L
F084H
E 42H
Port P1L Output Control Register
0000H
POCON2
F088H
E 44H
Port P2 Output Control Register
0000H
POCON20
F0AAH E 55H
Dedicated Pin Output Control Register
0000H
POCON3
F08AH E 45H
Port P3 Output Control Register
0000H
Table 7
C167CS Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com