Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 44Page - Infineon Technologies AG C167CS-L Datasheet HTML 45Page - Infineon Technologies AG C167CS-L Datasheet HTML 46Page - Infineon Technologies AG C167CS-L Datasheet HTML 47Page - Infineon Technologies AG C167CS-L Datasheet HTML 48Page - Infineon Technologies AG C167CS-L Datasheet HTML 49Page - Infineon Technologies AG C167CS-L Datasheet HTML 50Page - Infineon Technologies AG C167CS-L Datasheet HTML 51Page - Infineon Technologies AG C167CS-L Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
44
V2.2, 2001-08
POCON4
F08CH E 46H
Port P4 Output Control Register
0000H
POCON6
F08EH E 47H
Port P6 Output Control Register
0000H
POCON7
F090H
E 48H
Port P7 Output Control Register
0000H
POCON8
F092H
E 49H
Port P8 Output Control Register
0000H
PP0
F038H
E 1CH
PWM Module Period Register 0
0000H
PP1
F03AH E 1DH
PWM Module Period Register 1
0000H
PP2
F03CH E 1EH
PWM Module Period Register 2
0000H
PP3
F03EH E 1FH
PWM Module Period Register 3
0000H
PSW
b FF10H
88H
CPU Program Status Word
0000H
PT0
F030H
E 18H
PWM Module Up/Down Counter 0
0000H
PT1
F032H
E 19H
PWM Module Up/Down Counter 1
0000H
PT2
F034H
E 1AH
PWM Module Up/Down Counter 2
0000H
PT3
F036H
E 1BH
PWM Module Up/Down Counter 3
0000H
PTCR
F0AEH E 57H
Port Temperature Compensation Reg.
0000H
PW0
FE30H
18H
PWM Module Pulse Width Register 0
0000H
PW1
FE32H
19H
PWM Module Pulse Width Register 1
0000H
PW2
FE34H
1AH
PWM Module Pulse Width Register 2
0000H
PW3
FE36H
1BH
PWM Module Pulse Width Register 3
0000H
PWMCON0 b FF30H
98H
PWM Module Control Register 0
0000H
PWMCON1 b FF32H
99H
PWM Module Control Register 1
0000H
PWMIC
b F17EH E BFH
PWM Module Interrupt Control Register
0000H
RP0H
b F108H
E 84H
System Start-up Config. Reg. (Rd. only)
XXH
RSTCON
b F1E0H m ---
Reset Control Register
00XXH
RTCH
F0D6H E 6BH
RTC High Register
XXXXH
RTCL
F0D4H E 6AH
RTC Low Register
XXXXH
S0BG
FEB4H
5AH
Serial Channel 0 Baud Rate Generator
Reload Register
0000H
S0CON
b FFB0H
D8H
Serial Channel 0 Control Register
0000H
S0EIC
b FF70H
B8H
Serial Channel 0 Error Interrupt Ctrl. Reg
0000H
Table 7
C167CS Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com