Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 12Page - Infineon Technologies AG C167CS-L Datasheet HTML 13Page - Infineon Technologies AG C167CS-L Datasheet HTML 14Page - Infineon Technologies AG C167CS-L Datasheet HTML 15Page - Infineon Technologies AG C167CS-L Datasheet HTML 16Page - Infineon Technologies AG C167CS-L Datasheet HTML 17Page - Infineon Technologies AG C167CS-L Datasheet HTML 18Page - Infineon Technologies AG C167CS-L Datasheet HTML 19Page - Infineon Technologies AG C167CS-L Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
12
V2.2, 2001-08
RSTIN
140
I/O
Reset Input with Schmitt-Trigger characteristics. A low level
at this pin while the oscillator is running resets the C167CS.
An internal pullup resistor permits power-on reset using only
a capacitor connected to
VSS.
A spike filter suppresses input pulses <10 ns. Input pulses
>100 ns safely pass the filter. The minimum duration for a
safe recognition should be 100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit BDRSTEN
in register SYSCON) the RSTIN line is internally pulled low
for the duration of the internal reset sequence upon any reset
(HW, SW, WDT). See note below this table.
Note: To let the reset configuration of PORT0 settle and to
let the PLL lock a reset duration of ca. 1 ms is
recommended.
RST
OUT
141
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or
a watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
142
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C167CS to go into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
VAREF
37
–
Reference voltage for the A/D converter.
VAGND 38
–
Reference ground for the A/D converter.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com