Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 2Page - Infineon Technologies AG C167CS-L Datasheet HTML 3Page - Infineon Technologies AG C167CS-L Datasheet HTML 4Page - Infineon Technologies AG C167CS-L Datasheet HTML 5Page - Infineon Technologies AG C167CS-L Datasheet HTML 6Page - Infineon Technologies AG C167CS-L Datasheet HTML 7Page - Infineon Technologies AG C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG C167CS-L Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
2
V2.2, 2001-08
• Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler Packages,
Emulators, Evaluation
Boards, HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Bootstrap Loader
• 144-Pin MQFP Package
This document describes several derivatives of the C167 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term C167CS throughout this document.
Table 1
C167CS Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step BA.
Program Memory
Operating Frequency
SAK-C167CS-LM
SAB-C167CS-LM
---
25 MHz
SAK-C167CS-L33M
SAB-C167CS-L33M
---
33 MHz
SAK-C167CS-L40M
SAB-C167CS-L40M
---
40 MHz
SAK-C167CS-4RM
SAB-C167CS-4RM
32 KByte ROM
25 MHz
SAK-C167CS-4R33M
SAB-C167CS-4R33M
32 KByte ROM
33 MHz
SAK-C167CS-4R40M
SAB-C167CS-4R40M
32 KByte ROM
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com