Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 61Page - Infineon Technologies AG C167CS-L Datasheet HTML 62Page - Infineon Technologies AG C167CS-L Datasheet HTML 63Page - Infineon Technologies AG C167CS-L Datasheet HTML 64Page - Infineon Technologies AG C167CS-L Datasheet HTML 65Page - Infineon Technologies AG C167CS-L Datasheet HTML 66Page - Infineon Technologies AG C167CS-L Datasheet HTML 67Page - Infineon Technologies AG C167CS-L Datasheet HTML 68Page - Infineon Technologies AG C167CS-L Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
61
V2.2, 2001-08
Sample time and conversion time of the C167CS’s A/D Converter are programmable.
Table 14 should be used to calculate the above timings.
The limit values for
fBC must not be exceeded when selecting ADCTC.
Converter Timing Example:
Assumptions:
fCPU = 25 MHz (i.e. tCPU = 40 ns), ADCTC = ‘00’, ADSTC = ‘00’.
Basic clock
fBC
=
fCPU / 4 = 6.25 MHz, i.e. tBC = 160 ns.
Sample time
tS
=
tBC × 8 = 1280 ns.
Conversion time
tC
=
tS + 40 tBC + 2 tCPU = (1280 + 6400 + 80) ns = 7.8 µs.
5) As the default basic clock after reset is f
BC = fCPU / 4 the ADC’s prescaler (ADCTC) must be programmed to
a valid factor as early as possible. A timeframe of approx. 6000 CPU clock cycles is sufficient to ensure a
proper reset calibration. This corresponds to minimum 300 instructions (worst case: external MUX bus with
maximum waitstates). This is required for
fCPU > 33 MHz and is recommended for fCPU > 25 MHz.
During the reset calibration conversions can be executed (with the current accuracy). The time required for
these conversions is added to the total reset calibration time.
6) During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal
resistance of the reference voltage source must allow the capacitance to reach its respective voltage level
within each conversion step. The maximum internal resistance results from the programmed conversion
timing.
7) Not 100% tested, guaranteed by design and characterization.
8) During the sample time the input capacitance C
AIN can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within
tS.
After the end of the sample time
tS, changes of the analog input voltage have no effect on the conversion result.
Values for the sample time
tS depend on programming and can be taken from Table 14.
Table 14
A/D Converter Computation Table
ADCON.15|14
(ADCTC)
A/D Converter
Basic Clock
fBC
ADCON.13|12
(ADSTC)
Sample time
tS
00
fCPU / 4
00
tBC × 8
01
fCPU / 2
01
tBC × 16
10
fCPU / 16
10
tBC × 32
11
fCPU / 8
11
tBC × 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com