Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 7Page - Infineon Technologies AG C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG C167CS-L Datasheet HTML 10Page - Infineon Technologies AG C167CS-L Datasheet HTML 11Page - Infineon Technologies AG C167CS-L Datasheet HTML 12Page - Infineon Technologies AG C167CS-L Datasheet HTML 13Page - Infineon Technologies AG C167CS-L Datasheet HTML 14Page - Infineon Technologies AG C167CS-L Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
7
V2.2, 2001-08
P2
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
47
48
49
50
51
52
53
54
57
58
59
60
61
62
63
64
IO
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
I/O
I
I/O
I
I/O
I
I/O
I
I/O
I
I/O
I
I/O
I
I
Port 2 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 2 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 2 is
selectable (TTL or special).
The following Port 2 pins also serve for alternate functions:
CC0IO
CAPCOM1: CC0 Capture Inp./Compare Output
CC1IO
CAPCOM1: CC1 Capture Inp./Compare Output
CC2IO
CAPCOM1: CC2 Capture Inp./Compare Output
CC3IO
CAPCOM1: CC3 Capture Inp./Compare Output
CC4IO
CAPCOM1: CC4 Capture Inp./Compare Output
CC5IO
CAPCOM1: CC5 Capture Inp./Compare Output
CC6IO
CAPCOM1: CC6 Capture Inp./Compare Output
CC7IO
CAPCOM1: CC7 Capture Inp./Compare Output
CC8IO
CAPCOM1: CC8 Capture Inp./Compare Output,
EX0IN
Fast External Interrupt 0 Input
CC9IO
CAPCOM1: CC9 Capture Inp./Compare Output,
EX1IN
Fast External Interrupt 1 Input
CC10IO
CAPCOM1: CC10 Capture Inp./Compare Outp.,
EX2IN
Fast External Interrupt 2 Input
CC11IO
CAPCOM1: CC11 Capture Inp./Compare Outp.,
EX3IN
Fast External Interrupt 3 Input
CC12IO
CAPCOM1: CC12 Capture Inp./Compare Outp.,
EX4IN
Fast External Interrupt 4 Input
CC13IO
CAPCOM1: CC13 Capture Inp./Compare Outp.,
EX5IN
Fast External Interrupt 5 Input
CC14IO
CAPCOM1: CC14 Capture Inp./Compare Outp.,
EX6IN
Fast External Interrupt 6 Input
CC15IO
CAPCOM1: CC15 Capture Inp./Compare Outp.,
EX7IN
Fast External Interrupt 7 Input,
T7IN
CAPCOM2: Timer T7 Count Input
Note: During Sleep Mode a spike filter on the EXnIN
interrupt inputs suppresses input pulses <10 ns.
Input pulses >100 ns safely pass the filter.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com