Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG C167CS-L Datasheet HTML 10Page - Infineon Technologies AG C167CS-L Datasheet HTML 11Page - Infineon Technologies AG C167CS-L Datasheet HTML 12Page - Infineon Technologies AG C167CS-L Datasheet HTML 13Page - Infineon Technologies AG C167CS-L Datasheet HTML 14Page - Infineon Technologies AG C167CS-L Datasheet HTML 15Page - Infineon Technologies AG C167CS-L Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
8
V2.2, 2001-08
P3
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.15
65
66
67
68
69
70
73
74
75
76
77
78
79
80
81
IO
I
O
I
O
I
I
I
I
I/O
I/O
O
I/O
O
O
I/O
O
O
Port 3 is a 15-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 3 is
selectable (TTL or special).
The following Port 3 pins also serve for alternate functions:
T0IN
CAPCOM1 Timer T0 Count Input
T6OUT
GPT2 Timer T6 Toggle Latch Output
CAPIN
GPT2 Register CAPREL Capture Input
T3OUT
GPT1 Timer T3 Toggle Latch Output
T3EUD
GPT1 Timer T3 External Up/Down Control Input
T4IN
GPT1 Timer T4 Count/Gate/Reload/Capture Inp
T3IN
GPT1 Timer T3 Count/Gate Input
T2IN
GPT1 Timer T2 Count/Gate/Reload/Capture Inp
MRST
SSC Master-Receive/Slave-Transmit Inp./Outp.
MTSR
SSC Master-Transmit/Slave-Receive Outp./Inp.
T
×D0
ASC0 Clock/Data Output (Async./Sync.)
R
×D0
ASC0 Data Input (Async.) or Inp./Outp. (Sync.)
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
SCLK
SSC Master Clock Output / Slave Clock Input.
CLKOUT
System Clock Output (= CPU Clock)
FOUT
Programmable Frequency Output
N.C.
84
–
This pin is not connected in the C167CS.
No connection to the PCB is required.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com