Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 5 Page - Infineon Technologies AG

  C167CS-L Datasheet HTML 1Page - Infineon Technologies AG C167CS-L Datasheet HTML 2Page - Infineon Technologies AG C167CS-L Datasheet HTML 3Page - Infineon Technologies AG C167CS-L Datasheet HTML 4Page - Infineon Technologies AG C167CS-L Datasheet HTML 5Page - Infineon Technologies AG C167CS-L Datasheet HTML 6Page - Infineon Technologies AG C167CS-L Datasheet HTML 7Page - Infineon Technologies AG C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
Data Sheet
1
V2.2, 2001-08
C167CS
16-Bit Single-Chip Microcontroller
C166 Family
C167CS-4R, C167CS-L
• High Performance 16-bit CPU with 4-Stage Pipeline
– 80/60/50 ns Instruction Cycle Time at 25/33/40 MHz CPU Clock
– 400/303/250 ns Multiplication (16
× 16 bit), 800/606/500 ns Division (32-/16-bit)
– Enhanced Boolean Bit Manipulation Facilities
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Single-Cycle Context Switching Support
– 16 MBytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area
• 16-Priority-Level Interrupt System with 56 Sources, Sample-Rate down to 40/30/25 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC)
• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5),
via prescaler or via direct clock input
• On-Chip Memory Modules
– 3 KBytes On-Chip Internal RAM (IRAM)
– 8 KBytes On-Chip Extension RAM (XRAM)
– 32 KBytes On-Chip Program Mask ROM
• On-Chip Peripheral Modules
– 24-Channel 10-bit A/D Converter with Programmable Conversion Time
down to 7.8
µs
– Two 16-Channel Capture/Compare Units
– 4-Channel PWM Unit
– Two Multi-Functional General Purpose Timer Units with 5 Timers
– Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
– Two On-Chip CAN Interfaces (Rev. 2.0B active) with 2
× 15 Message Objects
(Full CAN/Basic CAN), can work on one bus with 30 objects
– On-Chip Real Time Clock
• Up to 16 MBytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses with 8-Bit or 16-Bit
Data Bus Width
– Five Programmable Chip-Select Signals
– Hold- and Hold-Acknowledge Bus Arbitration Support
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 111 General Purpose I/O Lines,
partly with Selectable Input Thresholds and Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com