Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 52Page - Infineon Technologies AG C167CS-L Datasheet HTML 53Page - Infineon Technologies AG C167CS-L Datasheet HTML 54Page - Infineon Technologies AG C167CS-L Datasheet HTML 55Page - Infineon Technologies AG C167CS-L Datasheet HTML 56Page - Infineon Technologies AG C167CS-L Datasheet HTML 57Page - Infineon Technologies AG C167CS-L Datasheet HTML 58Page - Infineon Technologies AG C167CS-L Datasheet HTML 59Page - Infineon Technologies AG C167CS-L Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
52
V2.2, 2001-08
Table 10
Current Limits for Port Output Drivers
Port Output Driver
Maximum Output Current
(
IOLmax, -IOHmax)
1)
Nominal Output Current
(
IOLnom, -IOHnom)
P2.7 - P2.0
10 mA
2.5 mA
(PORT0, PORT1,
Port 4, ALE, RD, WR,
BHE, CLKOUT,
RSTOUT, RSTIN2))
-----
2.5 mA
All other outputs
-----
1.6 mA
1) An output current above |I
OXnom| may be drawn from up to three pins (P2.7-P2.0 only) at the same time.
For any group of 16 neighboring port output pins the total output current in each direction (
ΣIOL and/or Σ-IOH)
must remain below 50 mA.
2) Valid for V
OL in bidirectional reset mode only.
Power Consumption C167CS
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Power supply current (active)
with all peripherals active
IDD5
–
20 +
3.2
× fCPU
mA
RSTIN =
VIL
fCPU in [MHz]
1)
1) The supply current is a function of the operating frequency. This dependency is illustrated in Figure 10.
These parameters are tested at
VDDmax and maximum CPU clock with all outputs disconnected and all inputs
at
VIL or VIH.
Idle mode supply current
with all peripherals active
IIDX5
2)
2) These values are not 100% tested but verified by means of system characterization.
–
15 +
1.4
× fCPU
mA
RSTIN =
VIH1
fCPU in [MHz]
1)
Idle mode supply current
with all peripherals deactivated,
PLL off, SDD factor = 32
IIDO
3)2)
3) This parameter is determined mainly by the current consumed by the oscillator (see Figure 9). This current,
however, is influenced by the external oscillator circuitry (crystal, capacitors). The values given refer to a typical
circuitry and may change in case of a not optimized external oscillator circuitry (see also application notes
AP2420: Crystal Oscillator, AP2424: Ceramic Resonator Oscillator).
–
800 +
60
× fOSC
µARSTIN = VIH1
fOSC in [MHz]
1)
Sleep and Power-down mode
supply current with RTC running
IPDR
3)2)
–
800 +
30
× fOSC
µA
VDD = VDDmax
fOSC in [MHz]
4)
4) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
VDD - 0.1 V to VDD, VREF = 0 V, all outputs (including pins configured as outputs) disconnected.
Sleep and Power-down mode
supply current with RTC disabled
IPDO
–
50
µA
VDD = VDDmax
4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com