Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 9Page - Infineon Technologies AG C167CS-L Datasheet HTML 10Page - Infineon Technologies AG C167CS-L Datasheet HTML 11Page - Infineon Technologies AG C167CS-L Datasheet HTML 12Page - Infineon Technologies AG C167CS-L Datasheet HTML 13Page - Infineon Technologies AG C167CS-L Datasheet HTML 14Page - Infineon Technologies AG C167CS-L Datasheet HTML 15Page - Infineon Technologies AG C167CS-L Datasheet HTML 16Page - Infineon Technologies AG C167CS-L Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
9
V2.2, 2001-08
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
85
86
87
88
89
90
91
92
IO
O
O
O
O
O
I
O
I
O
O
O
O
I
O
I
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. The Port 4 outputs can be configured as
push/pull or open drain drivers. The input threshold of Port 4
is selectable (TTL or special).
Port 4 can be used to output the segment address lines and
for serial interface lines:1)
A16
Least Significant Segment Address Line
A17
Segment Address Line
A18
Segment Address Line
A19
Segment Address Line
A20
Segment Address Line,
CAN2_RxD CAN 2 Receive Data Input
A21
Segment Address Line,
CAN1_RxD CAN 1 Receive Data Input
A22
Segment Address Line,
CAN1_TxD CAN 1 Transmit Data Output,
CAN2_TxD CAN 2 Transmit Data Output
A23
Most Significant Segment Address Line,
CAN1_RxD CAN 1 Receive Data Input,
CAN2_TxD CAN 2 Transmit Data Output,
CAN2_RxD CAN 2 Receive Data Input
RD
95
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
WR/
WRL
96
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-mode
this pin is activated for low byte data write accesses on a
16-bit bus, and for every data write access on an 8-bit bus.
See WRCFG in register SYSCON for mode selection.
READY 97
I
Ready Input. When the Ready function is enabled, a high
level at this pin during an external memory access will force
the insertion of memory cycle time waitstates until the pin
returns to a low level.
An internal pullup device will hold this pin high when nothing
is driving it.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com