Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 60Page - Infineon Technologies AG C167CS-L Datasheet HTML 61Page - Infineon Technologies AG C167CS-L Datasheet HTML 62Page - Infineon Technologies AG C167CS-L Datasheet HTML 63Page - Infineon Technologies AG C167CS-L Datasheet HTML 64Page - Infineon Technologies AG C167CS-L Datasheet HTML 65Page - Infineon Technologies AG C167CS-L Datasheet HTML 66Page - Infineon Technologies AG C167CS-L Datasheet HTML 67Page - Infineon Technologies AG C167CS-L Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
60
V2.2, 2001-08
A/D Converter Characteristics
(Operating Conditions apply)
Table 13
A/D Converter Characteristics
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Analog reference supply
VAREF SR
4.0
VDD + 0.1
V
1)
1) TUE is tested at V
AREF = 5.0 V, VAGND = 0 V, VDD = 4.9 V. It is guaranteed by design for all other voltages
within the defined voltage range.
If the analog reference supply voltage exceeds the power supply voltage by up to 0.2 V
(i.e.
VAREF = VDD = +0.2 V) the maximum TUE is increased to ±3/11 LSB. This range is not 100% tested.
The specified TUE is guaranteed only if the absolute sum of input overload currents on Port 5 pins and P1H
pins (see
IOV specification) does not exceed 10 mA.
During the reset calibration sequence the maximum TUE may be
±4 LSB (±12 LSB for channels 16 … 23).
Analog reference ground
VAGNDSR
VSS - 0.1 VSS + 0.2
V
–
Analog input voltage range
VAIN SR
VAGND
VAREF
V
2)
2) V
AIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be X000H or X3FFH, respectively.
Basic clock frequency
fBC
0.5
6.25
MHz 3)
3) The limit values for f
BC must not be exceeded when selecting the CPU frequency and the ADCTC setting.
Conversion time
tC
CC
–
40
tBC + tS
+ 2
tCPU
–
4)
tCPU = 1/fCPU
4) This parameter includes the sample time t
S, the time for determining the digital result and the time to load the
result register with the conversion result.
Values for the basic clock
tBC depend on programming and can be taken from Table 14.
This parameter depends on the ADC control logic. It is not a real maximum value, but rather a fixum.
Calibration time after reset
tCAL
CC
–
3328
tBC
–
5)
Total unadjusted error
TUE
CC1) –
±2
LSB Channels
0 … 15
–
±10
LSB Channels
16 … 23
Internal resistance of
reference voltage source
RAREF SR
–
tBC/60
- 0.25
k
Ω
tBC in [ns]
6)7)
Internal resistance of
analog source
RASRC SR
–
tS/450
- 0.25
k
Ω
tS in [ns]
7)8)
ADC input capacitance
CAIN CC
–
33
pF
7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com