Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 57Page - Infineon Technologies AG C167CS-L Datasheet HTML 58Page - Infineon Technologies AG C167CS-L Datasheet HTML 59Page - Infineon Technologies AG C167CS-L Datasheet HTML 60Page - Infineon Technologies AG C167CS-L Datasheet HTML 61Page - Infineon Technologies AG C167CS-L Datasheet HTML 62Page - Infineon Technologies AG C167CS-L Datasheet HTML 63Page - Infineon Technologies AG C167CS-L Datasheet HTML 64Page - Infineon Technologies AG C167CS-L Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
57
V2.2, 2001-08
Due to this adaptation to the input clock the frequency of
fCPU is constantly adjusted so
it is locked to
fOSC. The slight variation causes a jitter of fCPU which also effects the
duration of individual TCLs.
The timings listed in the AC Characteristics that refer to TCLs therefore must be
calculated using the minimum TCL that is possible under the respective circumstances.
The actual minimum value for TCL depends on the jitter of the PLL. As the PLL is
constantly adjusting its output frequency so it corresponds to the applied input frequency
(crystal or oscillator) the relative deviation for periods of more than one TCL is lower than
for one single TCL (see formula and Figure 12).
For a period of
N
× TCL the minimum value is computed using the corresponding
deviation DN:
(
N
× TCL)min = N × TCLNOM - DN; DN [ns] = ±(13.3 + N × 6.3) / fCPU [MHz],
where
N = number of consecutive TCLs and 1
≤ N ≤ 40.
So for a period of 3 TCLs @ 25 MHz (i.e.
N = 3): D3 = (13.3 + 3 × 6.3) / 25 = 1.288 ns,
and (3TCL)min = 3TCLNOM - 1.288 ns = 58.7 ns (@ fCPU = 25 MHz).
This is especially important for bus cycles using waitstates and e.g. for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is neglectible.
Note: For all periods longer than 40 TCL the N = 40 value can be used (see Figure 12).
Figure 12
Approximated Maximum Accumulated PLL Jitter
±1
±10
1
5
10
20
D
N
±20
±26.5
ns
±30
40 and 10 MHz
This approximated formula is valid for
1
N
40 MHz.
CPU
f
25 MHz
33 MHz
40
MCD04413B
N
16 MHz
20 MHz
10 MHz
Max. jitter
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com