Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 45Page - Infineon Technologies AG C167CS-L Datasheet HTML 46Page - Infineon Technologies AG C167CS-L Datasheet HTML 47Page - Infineon Technologies AG C167CS-L Datasheet HTML 48Page - Infineon Technologies AG C167CS-L Datasheet HTML 49Page - Infineon Technologies AG C167CS-L Datasheet HTML 50Page - Infineon Technologies AG C167CS-L Datasheet HTML 51Page - Infineon Technologies AG C167CS-L Datasheet HTML 52Page - Infineon Technologies AG C167CS-L Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
45
V2.2, 2001-08
S0RBUF
FEB2H
59H
Serial Channel 0 Receive Buffer Reg.
(read only)
XXH
S0RIC
b FF6EH
B7H
Serial Channel 0 Receive Interrupt
Control Register
0000H
S0TBIC
b F19CH E CEH
Serial Channel 0 Transmit Buffer
Interrupt Control Register
0000H
S0TBUF
FEB0H
58H
Serial Channel 0 Transmit Buffer
Register (write only)
00H
S0TIC
b FF6CH
B6H
Serial Channel 0 Transmit Interrupt
Control Register
0000H
SP
FE12H
09H
CPU System Stack Pointer Register
FC00H
SSCBR
F0B4H E 5AH
SSC Baudrate Register
0000H
SSCCON
b FFB2H
D9H
SSC Control Register
0000H
SSCEIC
b FF76H
BBH
SSC Error Interrupt Control Register
0000H
SSCRB
F0B2H E 59H
SSC Receive Buffer
XXXXH
SSCRIC
b FF74H
BAH
SSC Receive Interrupt Control Register
0000H
SSCTB
F0B0H E 58H
SSC Transmit Buffer
0000H
SSCTIC
b FF72H
B9H
SSC Transmit Interrupt Control Register
0000H
STKOV
FE14H
0AH
CPU Stack Overflow Pointer Register
FA00H
STKUN
FE16H
0BH
CPU Stack Underflow Pointer Register
FC00H
SYSCON
b FF12H
89H
CPU System Configuration Register
1)0XX0
H
SYSCON1 b F1DCH E EEH
CPU System Configuration Register 1
0000H
SYSCON2 b F1D0H E E8H
CPU System Configuration Register 2
0000H
SYSCON3 b F1D4H E EAH
CPU System Configuration Register 3
0000H
T0
FE50H
28H
CAPCOM Timer 0 Register
0000H
T01CON
b FF50H
A8H
CAPCOM Timer 0 and Timer 1 Ctrl. Reg.
0000H
T0IC
b FF9CH
CEH
CAPCOM Timer 0 Interrupt Ctrl. Reg.
0000H
T0REL
FE54H
2AH
CAPCOM Timer 0 Reload Register
0000H
T1
FE52H
29H
CAPCOM Timer 1 Register
0000H
T1IC
b FF9EH
CFH
CAPCOM Timer 1 Interrupt Ctrl. Reg.
0000H
T1REL
FE56H
2BH
CAPCOM Timer 1 Reload Register
0000H
Table 7
C167CS Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com