Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 73Page - Infineon Technologies AG C167CS-L Datasheet HTML 74Page - Infineon Technologies AG C167CS-L Datasheet HTML 75Page - Infineon Technologies AG C167CS-L Datasheet HTML 76Page - Infineon Technologies AG C167CS-L Datasheet HTML 77Page - Infineon Technologies AG C167CS-L Datasheet HTML 78Page - Infineon Technologies AG C167CS-L Datasheet HTML 79Page - Infineon Technologies AG C167CS-L Datasheet HTML 80Page - Infineon Technologies AG C167CS-L Datasheet HTML 81Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
75
V2.2, 2001-08
External XRAM Access
If XPER-Share mode is enabled the on-chip XRAM of the C167CS can be accessed
(during hold states) by an external master like an asynchronous SRAM.
Figure 24
External Access to the XRAM
Table 21
XRAM Access Timing (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit
min.
max.
Address setup time before RD/WR falling edge
t40 SR 4
–
ns
Address hold time after RD/WR rising edge
t41 SR 0
–
ns
Data turn on delay after RD falling edge
t42 CC 2
–
ns
Data output valid delay after address latched
t43 CC –
37
ns
Data turn off delay after RD rising edge
t44 CC 0
10
ns
Write data setup time before WR rising edge
t45 SR 10
–
ns
Write data hold time after WR rising edge
t46 SR 1
–
ns
WR pulse width
t47 SR 18
–
ns
WR signal recovery time
t48 SR t40
–
ns
Read Data
43
t
42
t
44
t
MCT04423
(RD, WR)
Write Data
Command
Address
40
t
45
t
47
t
46
t
48
t
41
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com