Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 49Page - Infineon Technologies AG C167CS-L Datasheet HTML 50Page - Infineon Technologies AG C167CS-L Datasheet HTML 51Page - Infineon Technologies AG C167CS-L Datasheet HTML 52Page - Infineon Technologies AG C167CS-L Datasheet HTML 53Page - Infineon Technologies AG C167CS-L Datasheet HTML 54Page - Infineon Technologies AG C167CS-L Datasheet HTML 55Page - Infineon Technologies AG C167CS-L Datasheet HTML 56Page - Infineon Technologies AG C167CS-L Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
49
V2.2, 2001-08
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the C167CS. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Table 9
Operating Condition Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Digital supply voltage
VDD
4.5
5.5
V
Active mode,
fCPUmax = 40 MHz
2.51)
1) Output voltages and output currents will be reduced when V
DD leaves the range defined for active mode.
5.5
V
PowerDown mode
Digital ground voltage
VSS
0
V
Reference voltage
Overload current
IOV
–
±5mA
Per pin2)3)
2) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
VOV > VDD +0.5 V or VOV < VSS - 0.5 V). The absolute sum of input overload
currents on all pins may not exceed 50 mA. The supply voltage must remain within the specified limits.
Proper operation is not guaranteed if overload conditions occur on functional pins line XTAL1, RD, WR, etc.
3) Not 100% tested, guaranteed by design and characterization.
Absolute sum of overload
currents
Σ|IOV|
–
50
mA
3)
External Load
Capacitance
CL
–
50
pF
Pin drivers in
fast edge mode4)
4) The timing is valid for pin drivers in high current or dynamic current mode. The reduced static output current in
dynamic current mode must be respected when designing the system.
Ambient temperature
TA
070
°C
SAB-C167CS …
-40
85
°C
SAF-C167CS …
-40
125
°C
SAK-C167CS …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com