Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 14Page - Infineon Technologies AG C167CS-L Datasheet HTML 15Page - Infineon Technologies AG C167CS-L Datasheet HTML 16Page - Infineon Technologies AG C167CS-L Datasheet HTML 17Page - Infineon Technologies AG C167CS-L Datasheet HTML 18Page - Infineon Technologies AG C167CS-L Datasheet HTML 19Page - Infineon Technologies AG C167CS-L Datasheet HTML 20Page - Infineon Technologies AG C167CS-L Datasheet HTML 21Page - Infineon Technologies AG C167CS-L Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
14
V2.2, 2001-08
Functional Description
The architecture of the C167CS combines advantages of both RISC and CISC
processors and of advanced peripheral subsystems in a very well-balanced way. In
addition the on-chip memory blocks allow the design of compact systems with maximum
performance.
Figure 3 gives an overview of the different on-chip components and of the advanced,
high bandwidth internal bus structure of the C167CS.
Note: All time specifications refer to a CPU clock of 40 MHz
(see definition in the AC Characteristics section).
Figure 3
Block Diagram
The program memory, the internal RAM (IRAM) and the set of generic peripherals are
connected to the CPU via separate buses. A fourth bus, the XBUS, connects external
resources as well as additional on-chip resources, the X-Peripherals (see Figure 3).
The XBUS resources (XRAM, CAN) of the C167CS can be individually enabled or
disabled during initialization. Register XPERCON selects the required modules which
are then enabled by setting the general X-Peripheral enable bit XPEN (SYSCON.2).
Modules that are disabled consume neither address space nor port pins.
Note: The default value of register XPERCON after reset selects 2 KByte XRAM and
module CAN1, so the default XBUS resources are compatible with the C167CR.
C166-Core
CPU
Interrupt Bus
XTAL
Osc / PLL
RTC
WDT
32
16
Interrupt Controller 16-Level
Priority
PEC
External Instr. / Data
GPT
T2
T3
T4
T5
T6
SSC
BRGen
(SPI)
ASC0
BRGen
(USART)
ADC
10-Bit
16+8
Channels
PWM
CCOM1
T0
T1
CCOM2
T7
T8
EBC
XBUS Control
External Bus
Control
IRAM
Internal
RAM
3 KByte
ProgMem
ROM
32 KByte
Data
Data
16
16
16
CAN1
Rev 2.0B active
Instr. / Data
Port 0
XRAM
6+2 KByte
8
8
Port 1
16
16
16
Port 5
Port 3
15
Port 7
8
Port 8
8
16
Peripheral Data Bus
16
CAN2
Rev 2.0B active
MCB04323_7CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com