Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS-L Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 63Page - Infineon Technologies AG C167CS-L Datasheet HTML 64Page - Infineon Technologies AG C167CS-L Datasheet HTML 65Page - Infineon Technologies AG C167CS-L Datasheet HTML 66Page - Infineon Technologies AG C167CS-L Datasheet HTML 67Page - Infineon Technologies AG C167CS-L Datasheet HTML 68Page - Infineon Technologies AG C167CS-L Datasheet HTML 69Page - Infineon Technologies AG C167CS-L Datasheet HTML 70Page - Infineon Technologies AG C167CS-L Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
63
V2.2, 2001-08
AC Characteristics
Figure 16
CLKOUT Signal Timing
Variable Memory Cycles
The bus timing shown below is programmable via the BUSCONx registers. The duration
of ALE and two types of waitstates can be selected. This table summarizes the possible
bus cycle durations.
Table 15
CLKOUT Reference Signal
Parameter
Symbol
Limits
Unit
min.
max.
CLKOUT cycle time
tc5
CC
40/30/251)
1) The CLKOUT cycle time is influenced by the PLL jitter (given values apply to f
CPU = 25/33/40 MHz).
For a single CLKOUT cycle (2 TCL) the deviation caused by the PLL jitter is below 1 ns (for
fCPU > 25 MHz).
For longer periods the relative deviation decreases (see PLL deviation formula).
ns
CLKOUT high time
tc6
CC 8
–
ns
CLKOUT low time
tc7
CC 6
–
ns
CLKOUT rise time
tc8
CC –
4ns
CLKOUT fall time
tc9
CC –
4ns
Table 16
Variable Memory Cycles
Bus Cycle Type
Bus Cycle Duration
Unit 25/33/40 MHz, 0 Waitstates
Demultiplexed bus cycle
with normal ALE
4 + 2
× (15 - <MCTC>)
+ 2
× (1 - <MTTC>)
TCL 80 ns
/ 60.6 ns / 50 ns
Demultiplexed bus cycle
with extended ALE
6 + 2
× (15 - <MCTC>)
+ 2
× (1 - <MTTC>)
TCL 120 ns / 90.9 ns / 75 ns
Multiplexed bus cycle
with normal ALE
6 + 2
× (15 - <MCTC>)
+ 2
× (1 - <MTTC>)
TCL 120 ns / 90.9 ns / 75 ns
Multiplexed bus cycle
with extended ALE
8 + 2
× (15 - <MCTC>)
+ 2
× (1 - <MTTC>)
TCL 160 ns / 121.2 ns / 100 ns
MCT04415
CLKOUT
tc
5
tc
6
7
tc
8
tc
9
tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com