Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 3Page - STMicroelectronics TDA7505 Datasheet HTML 4Page - STMicroelectronics TDA7505 Datasheet HTML 5Page - STMicroelectronics TDA7505 Datasheet HTML 6Page - STMicroelectronics TDA7505 Datasheet HTML 7Page - STMicroelectronics TDA7505 Datasheet HTML 8Page - STMicroelectronics TDA7505 Datasheet HTML 9Page - STMicroelectronics TDA7505 Datasheet HTML 10Page - STMicroelectronics TDA7505 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TDA7505
Block diagram
7/38
2
Block diagram
Figure 1.
Block diagram
X Ram 4096
X Rom 4096
Y Ram 40969
P Ram 4096
P Rom 16384
Xchg
Interface
P Ram 4096
P Rom 16384
Y Ram 4096
INT
NRESET
4
VDD
GND
4
Debug Interface
5
ADCVDD
ADCGND
Debug Interface
ADC-ref
X Ram 4096
Debug/Test
Grp & blk
sync., error
correction
RDS
Filter
SPI/
IIC
Demod.
PLL Clock
Generator
SPDIF 2ch.
Interface
SAI 6ch.
Receiver
2
SAI Transmitter
2
3
4
10 word SPI 1
receive stack
4
SPI 2
IIC / SPI 1
6 Ch. Audio Bus
receive bit&wordclk
digital audio in
SPDIF audio in
6 Channel
Audio Bus
μP control
Display μP
ΣΔ
DAC-ref
DACVDD
DACGND
Oversampl.
Filter
Oversampl.
Filter
Noise
Shaper
Noise
Shaper
Decimation
Audio
Decimation
FM/Audio
8.55MHz
CLK in
Crystal
Oscillator
analog audio in
ΣΔ
ΣΔ
ΣΔ
SC
Filter
SC
Filter
SC
Filter
SC
Filter
analog audio out
AVDD
AGND
2ch sample
rate converter
AM/FM
level
ADC
DSP1 Orpheus Core
Including 12 GPIO´s
AM processing,
FM processing,
CD compression,
Dolby B,
MP3
DSP0 Orpheus Core
Including 12 GPIO´s
Audio processing,
Sound processing,
TAM,
Echo & noisecancell.
RDS Int.
8+3
External Memory Interface
SRAM 4Mx8
17
Input Source Selector
AM/FMLevel
Qdiff.
3
AM/FM Mpx
Mpx RDS
Diff.
2
Navi.
Diff.
2
Tel.
Qdiff.
4
CD
2
CC
RDSCS
Oversampl.
Filter
Noise
Shaper
SC
Filter
SC
Filter
DRAM 64Mx4
SINCOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com