Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 8Page - STMicroelectronics TDA7505 Datasheet HTML 9Page - STMicroelectronics TDA7505 Datasheet HTML 10Page - STMicroelectronics TDA7505 Datasheet HTML 11Page - STMicroelectronics TDA7505 Datasheet HTML 12Page - STMicroelectronics TDA7505 Datasheet HTML 13Page - STMicroelectronics TDA7505 Datasheet HTML 14Page - STMicroelectronics TDA7505 Datasheet HTML 15Page - STMicroelectronics TDA7505 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Pin description
TDA7505
12/38
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
57
INOUTE
SRA<20>
DSP1 GPIO4
DSP1 GPIO4
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 20
GPIO input
GPIO output
58
INOUTF
SRA<21>
RAS
DSP1 GPIO5
DSP1 GPIO5
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 21
EMI DRAM RAS
GPIO input
GPIO output
59
INOUTG
DSP1 GPIO6
DSP1 GPIO6
I/O
Z
ZZZ
In 5VT/Out 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
GPIO input
GPIO output
60
INOUTH
DSP1 GPIO7
DSP1 GPIO7
I/O
Z
ZZZ
In 5VT/Out 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
GPIO input
GPIO output
N°
Name
Type
Voltage
Function
61 VDD3V3_4
S
3.3V
Digital Supply dedicated to I/O structures
62 GND3V3_4
S
0V
Digital Ground dedicated to I/O structures
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
63
INOUTI
DSP1 GPIO8
DSP1 GPIO8
I/O
Z
ZZZ
In 5VT/Out 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
GPIO input
GPIO output
64 INOUTJ
I/O
Z
Z
Z
Z
In 5VT/Out 2mA PP
Multi function I/O
65
DBCK
OS1
DSP0/1 GPIO9
DSP0/1 GPIO9
I/O
Z
000
Input 5VT
Out 2mA PP
Input 5VT
Output 2mA PP
Debug clock
Chip status 1
GPIO input
GPIO output
66
DBOUT
DSP0/1 GPIO10
DSP0/1 GPIO10
I/O
Z
111
Output 2mA PP
Input 5VT
Output 2mA PP
Debug output
GPIO input
GPIO output
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
67
DBIN
OS0
DSP0/1 GPIO11
DSP0/1 GPIO11
I/O
Z
000
Input 5VT
Out 2mA PP
Input 5VT
Output 2mA PP
Debug input
Chip status 0
GPIO input
GPIO output
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com