Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 23Page - STMicroelectronics TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
TDA7505
Functional description
27/38
5
Functional description
The TDA7505 is broken up into three distinct blocks. One block contains the two DSP Cores
and their associated peripherals. The second contains the analog modules ADC with input
multiplexer and level adjust and the DAC. The third module contains the RDS processing:
filter, demodulator, decoder with error correction and the I2C/SPI interface with data buffer
and interrupts output.
5.1
24-bit DSP core
The two DSP cores are used to process the audio and FM/AM data, coming from the ADC,
or any kind of digital data coming via SPDIF or SAI. After the digital signal processing these
data are sent to the DAC for analog conversion. Functions such as volume, tone, balance,
and fader control, as well as spatial enhancement and general purpose signal processing
may be performed by the DSP0. When FM/AM mode is selected, DSP1 is fully devoted to
AM/FM processing. Nevertheless it can be used for any kind of different application, when a
different input source is selected. Some capabilities of the DSPs are listed below:
●
Single cycle multiply and accumulate with convergent rounding and condition code
generation
●
2 x 56-bit Accumulators
●
Double precision multiply
●
Scaling and saturation arithmetic
●
48-bit or 2 x 24-bit parallel moves
●
64 interrupt vector locations
●
Fast or long interrupts possible
●
Programmable interrupt priorities and masking
●
Repeat instruction and zero overhead DO loops
●
Hardware stack capable of nesting combinations of 7 DO loops or 15
interrupts/subroutines
●
Bit manipulation instructions possible on all registers and memory locations, also Jump
on bit test
●
4 pin serial debug interface
●
Debug access to all internal registers, buses and memory locations
●
5 word deep program address history FIFO
●
Hardware and software breakpoints for both program and data memory accesses
●
Debug Single stepping, Instruction injection and Disassembly of program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com