Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 7Page - STMicroelectronics TDA7505 Datasheet HTML 8Page - STMicroelectronics TDA7505 Datasheet HTML 9Page - STMicroelectronics TDA7505 Datasheet HTML 10Page - STMicroelectronics TDA7505 Datasheet HTML 11Page - STMicroelectronics TDA7505 Datasheet HTML 12Page - STMicroelectronics TDA7505 Datasheet HTML 13Page - STMicroelectronics TDA7505 Datasheet HTML 14Page - STMicroelectronics TDA7505 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TDA7505
Pin description
11/38
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
43
SRA<11>
SRA<11>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 11
EMI DRAM Address 11
44
SRA<12>
SRA<12>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 12
EMI DRAM Address 12
N°
Name
Type
Voltage
Function
45 VDD1V8_2
S
1.8V
Digital Supply dedicated to internal logic
46
GND1V8_2 &
GND3V3_3
S0V
Digital Ground dedicated to internal logic and I/O
structures
47 VDD3V3_3
S
3.3V
Digital Supply dedicated to I/O structures
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
48 DRD
O
1
1
1
1
Output 2mA PP
EMI data read strobe
49 DWR
O
1
1
1
1
Output 2mA PP
EMI data write strobe
50
CAS
SRA<13>
O
01
1
0/1
Output 2mA PP
Output 2mA PP
EMI DRAM CAS
EMI SRAM Address 13
51 SRA<14>
O
0
1
1
0/1
Output 2mA PP
EMI SRAM Address 14
52
SRA<15>
DSP0 GPIO8
DSP0 GPIO8
I/O
Z
Z
Z
0/1
Output 2mA PP
Input 5VT
Output 2mA PP
EMI SRAM Address 15
GPIO input
GPIO output
53
INOUTA
SRA<16>
DSP1 GPIO0
DSP1 GPIO0
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 16
GPIO input
GPIO output
54
INOUTB
SRA<17>
DSP1 GPIO1
DSP1 GPIO1
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 17
GPIO input
GPIO output
55
INOUTC
SRA<18>
DSP1 GPIO2
DSP1 GPIO2
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 18
GPIO input
GPIO output
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
56
INOUTD
SRA<19>
DSP1 GPIO3
DSP1 GPIO3
I/O
ZZ
Z
0/1
In 5VT/Out 2mA PP
Output 2mA PP
Input 5VT
Output 2mA PP
Multi function I/O
EMI SRAM Address 19
GPIO input
GPIO output
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com