Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 21Page - STMicroelectronics TDA7505 Datasheet HTML 22Page - STMicroelectronics TDA7505 Datasheet HTML 23Page - STMicroelectronics TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
TDA7505
Electrical specifications
25/38
Table 22.
ADC electrical characteristics - measurement bandwidth 10Hz to 20kHz
(Tamb = 25°C, ADCVDD = 3.3V, A-weighted filter.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
Input voltage dynamic range
Single ended mode
Differential mode
0.5
1
Vrms
fs
Sampling rate
Audio mode
48
kHz
DR(1)
Dynamic range
-60dB analog input
84
88
dB
SNR
Signal to noise ratio
1kHz; -3dB analog input
84
88
dB
THD+N
Total harmonic distortion + noise 1kHz; -3dB analog input
-85
-80
dB
Ri
Input impedance
@ fs = 44.1kHz
45
80
k
Ω
ICL(2)
Interchannel isolation
Full scale input @ 1kHz
-95
dB
1.
The specified value is obtained by adding 60dB to THD+N measure @ full scale -60dB
2.
ICL can be influenced by external anti alias filter
Table 23.
ADC electrical characteristics - measurement bandwidth 10Hz to 53kHz
(Tamb = 25°C, ADCVDD = 3.3V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
Input voltage dynamic range
0.5
Vrms
fs
Sampling rate
FM-mode
192
kHz
DR (1)
Dynamic range
-60dB analog input
80
dB
SNR
Signal to noise ratio
1kHz; -3dB analog input
80
dB
THD+N
Total harmonic distortion + noise 1kHz; -3dB analog input
-80
dB
1.
The specified value is obtained by adding 60dB to THD+N measure @ full scale -60dB
Table 24.
ADC electrical characteristics - measurement bandwidth 10Hz to 192kHz
(Tamb = 25°C, AVDD = 3.3V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
Input voltage dynamic range
0.5
Vrms
fs
Sampling rate
FM-mode for spike and RDS
384
kHz
DR(1)
Dynamic range
-60dB analog input
60
dB
SNR
Signal to noise ratio
1kHz; -3dB analog input
60
dB
1.
The specified value is obtained by adding 60dB to THD+N measure @ full scale -60dB
Table 25.
Level ADC electrical characteristics
(Tamb = 25°C, AVDD = 3.3V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
Input voltage range
0
2.5
V
THD
Total harmonic distortion
-57
dB
THD+N
Total harmonic distortion + noise
-46
dB
SNR
Signal to noise ratio
46
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com