Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Functional description
TDA7505
30/38
5.2.5
I2C interface
The inter Integrated Circuit bus is a single bidirectional two-wire bus used for efficient inter
IC control. The device is compliant with the I2C specification including the highs peed (400
kHz) mode.
Every component hooked up to the I2C bus has its own unique address whether it is a CPU,
memory or some other complex function chip. Each of these chips can act as a receiver and
/or transmitter on its functionality.
The device may act as master or as slave.
XCHG interface (DSP to DSP exchange interface)
The Exchange Interface peripheral provides bidirectional communication between DSP0
and DSP1. Both 24 bit word data and four bit Flag data can be exchanged. A FIFO is utilized
for received data. It minimizes the number of times an Exchange Interrupt Service Routine
would have to be called if multi-word blocks of data were to be received. The Transmit FIFO
is in effect the Receive FIFO of the other DSP and is written directly by the transmitting DSP.
The features of the XCHG are listed below:
●
10 Word XCHG FIFO on DSP0 to transfer data to DSP1
●
24 Word XCHG FIFO on DSP1 to transfer data to DSP0
●
Four Flags for each XCHG for DSP to DSP signaling
●
Condition flags can optionally trigger interrupts on both DSP´s
5.2.6
DRAM/SRAM interface (DEMI)
The External DRAM/SRAM Interface is viewed as a memory mapped peripheral of both
DSP cores. Data transfers are performed by moving data into/from data registers. The
control is exercised by polling status flags in the control/status register or by servicing
interrupts. This can be done by both DSP cores.
The features of the DEMI (Dual core Extended Memory Interface) are listed below:
●
Data bus width fixed at 4 bits for DRAM and 8 bits for SRAM
●
Data word length 16 or 24 bits for DRAM
●
Data word length 8 or 16 or 24 bits for SRAM
●
13 DRAM address lines means 226 = 256M bit addressable DRAM
●
Refresh rate for DRAM can be chosen among eight divider factors
●
SRAM relative addressing mode; 222 = 32M bit addressable SRAM
●
Four SRAM Timing choices
●
Two Read Offset Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com