Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 19Page - STMicroelectronics TDA7505 Datasheet HTML 20Page - STMicroelectronics TDA7505 Datasheet HTML 21Page - STMicroelectronics TDA7505 Datasheet HTML 22Page - STMicroelectronics TDA7505 Datasheet HTML 23Page - STMicroelectronics TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TDA7505
Electrical specifications
23/38
Figure 9.
Debug port serial clock timing
Figure 10.
Debug port acknowledge timing
Figure 11.
Debug port data I/O to status timing
8
DBCK high to DBOUT invalid
3
ns
9
DBIN valid to DBCK low (set-up)
15
ns
10
DBCK low to DBIN invalid (hold)
3
ns
DBOUT (ACK) asserted to first DBCK high
2*TDSP
ns
DBOUT (ACK) assertion width
5*TDSP - 3
5*TDSP + 7
ns
11
Last DBCK low of read register to first DBCK
high of next command
7*TDSP + 10
ns
12
Last DBCK low to DBOUT invalid (hold)
3
ns
DBSEL setup to DBCK
TDSP
ns
Table 19.
Debug port interface (continued)
No.
Characteristics (Fdsp = 75MHz)
Min.
Max.
Unit
(1)
(3)
(4)
(5)
(2)
DBCK
(input)
D02AU1363
(6)
DBRQN
(input)
DBOUT
(output)
D02AU1364
(ACK)
(Last)
DBCK
(input)
DBOUT
(output)
(9)
(Note 1)
Note:
1 High Impedance, external pull-down resistor
DBIN
(input)
(10)
D02AU1365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com