Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 9Page - STMicroelectronics TDA7505 Datasheet HTML 10Page - STMicroelectronics TDA7505 Datasheet HTML 11Page - STMicroelectronics TDA7505 Datasheet HTML 12Page - STMicroelectronics TDA7505 Datasheet HTML 13Page - STMicroelectronics TDA7505 Datasheet HTML 14Page - STMicroelectronics TDA7505 Datasheet HTML 15Page - STMicroelectronics TDA7505 Datasheet HTML 16Page - STMicroelectronics TDA7505 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TDA7505
Pin description
13/38
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
68 Debug/Test_Sel0
I
E1
E1
E1
E1
Input
Mode select (Debug0/1, Test)
69 Debug/Test_Sel1
I
E1
E1
E1
E1
Input
Mode select (Debug0/1, Test)
70 INOUTK
I/O
0
0
0
0
In 5VT/Out 2mA PP
Multi function I/O
N°
Name
Type
Voltage
Function
71 VDD1V8_3
S
1.8V
Digital Supply dedicated to internal logic
72 GNDSUB_D
S
0V
Digital substrate Ground
N°
Name
Type
Function
73 LEVEL_AM/FM
A
Signal input to level ADC (single ended)
74 MPX_AM+
A
Signal input tuner AM (quasi differential)
75 MPX_AM/FM-
A
Signal input tuner common ground (quasi differential)
76 MPX_FM+
A
Signal input tuner FM (quasi differential)
77 MPX_RDS
A
Signal input background tuner (for RDS) single ended
78 Navi-
A
Signal input from navigation system (differential)
79 Navi+
A
Signal input from navigation system (differential)
80 Phone-
A
Signal input from Telephone (differential)
81 Phone+
A
Signal input from Telephone (differential)
N°
Name
Type
Voltage
Function
82 ADCGND
S
0V
Analog Ground dedicated to the A/D converter
83 ADCVDD
S
3.3V
Analog Supply dedicated to the A/D converter
N°
Name
Type
Function
84 ADCREF3
A
ADC reference voltage decoupling
85 CD_R+
A
Signal right input from CD-changer (differential)
86 CD_R-
A
Signal right input from CD-changer (differential)
87 ADCREF2
A
ADC reference voltage decoupling
88 CD_L-
A
Signal left input from CD-changer (differential)
89 CD_L+
A
Signal left input from CD-changer (differential)
90 ADCREF1
A
ADC reference voltage decoupling
91 CC_R
A
Signal right input from cassette (single ended)
92 CC_L
A
Signal left input from cassette (single ended)
N°
Name
Type
Voltage
Function
93 GNDSUB_A
S
0V
Analog substrate Ground
94 DACVDD
S
3.3V
Analog Supply dedicated to the D/A converter.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com