Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics TDA7505 Datasheet HTML 35Page - STMicroelectronics TDA7505 Datasheet HTML 36Page - STMicroelectronics TDA7505 Datasheet HTML 37Page - STMicroelectronics TDA7505 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
TDA7505
Software features
35/38
6.7
Other
●
Voice compression/decompression for traffic information storage
●
Echo and noise canceling for mobile phone connection
6.8
Functional modes
The SW defines the whole functionality of the device, except RDS. Although ST is able to
provide a complete set of SW, the customer may implement his own SW or may use third
party SW. This allows a flexible adaptation to the application needs.
The concept allows the parallel processing of two independent audio sources. For example
one source may go through the loudspeakers, whereas another source may feed a
headphone. Additionally other sources like a phone or a navigation system may be mixed to
the audio source. In case the 150 MIPS available are not sufficient, a co-dsp (e.g.:
TDA7502) may be connected through the serial audio interface (SAI). Finally the device may
be embedded into an audio bus system (e.g.: MOST).
Following table shows an example of possible modes:
Note:
The main source (blue) may run in parallel with one of the alternative rear sources (yellow).
Phone/Navi, DSP Co-processor, traffic info storage and MOST (green) are available in
parallel to all modes.
Table 29.
Example of possible modes
Source
Comment
AM/FM mode
CD mode
(digital)
CD Changer
mode (analog)
Tape mode
(digital)
Traffic info
play mode
AM/FM MPX
(analog)
DSP1
Main source
and RDS
Alternative
Rear Source
and RDS
Alternative
Rear Source
and RDS
Alternative
Rear Source
and RDS
Alternative
Rear Source
and RDS
CD changer
(analog)
DSP1
Alternative
Rear Source
Alternative
Rear Source
Main source
Alternative
Rear Source
Alternative
Rear Source
Phone/Navi
(analog)
DSP0
Summed to
Main source
Summed to
Main source
Summed to
Main source
Summed to
Main source
Summed to
Main source
CD/CD ROM
audio/MP3
(digital SPDIF)
DSP1
Alternative
Rear Source
through SRC
Main source
through SRC
Alternative
Rear Source
through SRC
Alternative
Rear Source
through SRC
Alternative
Rear Source
through SRC
Tape via ADC
(digital SAI)
Dolby B on
DSP1
Alternative
Rear Source
Alternative
Rear Source
Alternative
Rear Source
Main source
Alternative
Rear Source
DSP co-processor
MDSP: master
CO-dsp: slave
Available (1)
Available(1)
Available(1)
Available(1)
Available(1)
Traffic info
storage
DSP0
Background
recording
Background
recording
Background
recording
Background
recording
Main source
& Background
recording
MOST bus
MDSP: slave
Co-dsp: slave
MOST: master
Available(1)
Available(1)
Available(1)
Available(1)
Available(1)
1.
The total number of SAI channels is six. They must be split between MOST, Co-DSP and the external ADC for tape. In case
of MOST, the DSP clock must be synchronized to the MOST bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com