Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 17Page - STMicroelectronics TDA7505 Datasheet HTML 18Page - STMicroelectronics TDA7505 Datasheet HTML 19Page - STMicroelectronics TDA7505 Datasheet HTML 20Page - STMicroelectronics TDA7505 Datasheet HTML 21Page - STMicroelectronics TDA7505 Datasheet HTML 22Page - STMicroelectronics TDA7505 Datasheet HTML 23Page - STMicroelectronics TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TDA7505
Electrical specifications
21/38
Figure 7.
SPI clocking scheme
4.9
I2C Timing
Figure 8.
I2C Timing
SCK
SS
(CPOL=0,CPHA=0)
(CPOL=0,CPHA=1)
(CPOL=1,CPHA=0)
(CPOL=1,CPHA=1)
SCK
SCK
SCK
MSB
6
5
4
32
10
MISO
MOSI
Table 15.
I2C Timing
Symbol
Parameter
Test
condition
Standard mode
I2C bus
Fast mode I2C bus
Unit
Min.
Max.
Min.
Max.
FSCL
SCLl clock frequency
0
100
0
400
kHz
tBUF
Bus free between a STOP and
Start Condition
4.7
–
1.3
–
ms
tHD:STA
Hold time (repeated) START
condition. After this period, the first
clock pulse is generated
4.0
–
0.6
–
ms
tLOW
LOW period of the SCL clock
4.7
–
1.3
–
ms
tHIGH
HIGH period of the SCL clock
4.0
–
0.6
–
ms
tSU:STA
Set-up time for a repeated start
condition
4.7
–
0.6
–
ms
tHD:DAT
DATA hold time
0
–
0
0.9
ms
tR
Rise time of both SDA and SCL
signals
Cb in pF
–
1000
20+0.1Cb
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com