Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics TDA7505 Datasheet HTML 35Page - STMicroelectronics TDA7505 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Functional description
TDA7505
32/38
in the PLL loop. Hence the PLL can multiply the external input clock by a ratio MF/IDF to
generate the internal clock. This allows the internal clock to be within 1 MHz of any desired
frequency even when XTI is much greater than 1 MHz. It is recommended that the input
clock is not divided down to less than 1 MHz as this reduces the Phase Detector's update
rate.
The clocks to the DSP can be selected to be either the VCO output divided by 2 to 16, or be
driven by the XTI pin directly.
The crystal oscillator and the PLL will be gated off when entering the power-down mode (by
setting a register on DSP0).
5.2.12
CODEC
The CODEC is composed of four plus one A/D mono converters and three D/A stereo
converters.
Two channels of the ADC can operate both in audio mode and in FM mode. When in audio
mode, it converts the audio bandwidth from 20Hz to 20KHz. The A to D is a third order
Sigma-Delta converter with 20-bit resolution. When in FM mode, the converted bandwidth is
up to 192KHz.
Additionally a lower resolution A to D converter is implemented. It is used to convert the
level signal of the tuner. Alternatively it may be used to convert voice signals.
The DAC is a second order multi bits Sigma-Delta converter accepting 24 bits input data. All
the reference voltages are generated inside the chip but they have to be decoupled with
external capacitors.
5.2.13
Radio data system (RDS)
The RDS block is a hardware cell able to deliver the RDS frames through a dedicated serial
interface. An RDS quality signal is also available. This block needs to be initialized at reset
by the DSP, after that it works in background and does not need any further DSP support.
RDS is made of 57kHz filter, demodulator, decoder with error correction and an I2C/SPI
programmable interface with data buffer and interrupt output.
Due to its own interface, it may be considered as an independent function. Thus the module
has a separate RDS I2C device address as well as a separate chip select line for the RDS
SPI. Only the pins are shared with the DSP interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com