Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 13Page - STMicroelectronics TDA7505 Datasheet HTML 14Page - STMicroelectronics TDA7505 Datasheet HTML 15Page - STMicroelectronics TDA7505 Datasheet HTML 16Page - STMicroelectronics TDA7505 Datasheet HTML 17Page - STMicroelectronics TDA7505 Datasheet HTML 18Page - STMicroelectronics TDA7505 Datasheet HTML 19Page - STMicroelectronics TDA7505 Datasheet HTML 20Page - STMicroelectronics TDA7505 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TDA7505
Electrical specifications
17/38
4.3.4
General interface electrical characteristics
4.3.5
High voltage CMOS interface DC electrical characteristics
4.3.6
DSP core
Table 8.
General interface electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
lil
Low level input current without pull-up
device
Vi = 0V
(1)
1
μA
lih
High level input current without pull-up
device
Vi = VDD3V3
(1)
1
μA
Ioz
Tri-state output leakage without pull
up/down device
Vo = 0V or VDD3V3
(1)
1
μA
IozFT
5V tolerant tri-state output leakage
without pull up/down device
Vo = 0V or VDD3V3
(1)
1
μA
Vo = 5.5V
1
7
μA
Ilatchup
I/O latch-up current
Vi < 0V, Vi > VDD3V3
200
mA
Vesd
Electrostatic protection
Leakage, 1
μA (2)
2000
V
1.
The leakage currents are generally very small, <1nA. The value given here, 1 A, is a maximum that can occur after an
electrostatic stress on the pin.
2.
Human Body Model.
Table 9.
High voltage CMOS interface DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
3.0V<VDD3V3<3.6V
0.3*VDD3V3
V
Vih
High Level Input Voltage
3.0V<VDD3V3<3.6V
0.5*VDD3V3
V
Vhyst
Schmitt trigger hysteresis
3.0V<VDD3V3<3.6V
0.8
V
Vol
Low level output Voltage
Iol = XmA
(1),(2)
0.1*VDD3V3
V
Voh
High level output Voltage
0.89*VDD3V3
V
1.
Takes into account 200mV voltage drop in both supply lines.
2.
X is the source/sink current under worst-case conditions and is depicted for every I/O or output pin in the pin description.
Table 10.
DSP core
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Fdsp
DSP clock frequency
75
MHz
Tres
Reset signal low state duration
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com