Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics TDA7505 Datasheet HTML 33Page - STMicroelectronics TDA7505 Datasheet HTML 34Page - STMicroelectronics TDA7505 Datasheet HTML 35Page - STMicroelectronics TDA7505 Datasheet HTML 36Page - STMicroelectronics TDA7505 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
TDA7505
Functional description
33/38
5.2.14
Clock scheme
Due to the programmable PLL oscillator, the clock scheme is very flexible. The customer
may choose the clock frequency according to the application needs. However one should
take into account several constraints:
●
The RDS module needs a crystal frequency of 8.55 MHz or alternative an external
74.1MHz Oscillator. However the PLL may be supplied by an external clock reference
and the crystal in parallel may drive the RDS module.
●
The CODEC (A/D and D/A) module needs a clock of 512 times the audio sample rate
(Fs).
●
The audio sample rate (Fs) should be close to 44.1 kHz. This allows CD quality. Higher
sample rates will reduce the number of DSP clock cycles per Fs and hence will reduce
the available MIPS.
●
The DSP core clock frequency may not exceed 76 MHz
●
In a car radio system the second and third system clock harmonics (DSP clock and
CODEC clock) should be outside the radio frequency bands.
Two examples of convenient clock schemes are shown in the following table:
Table 28.
Examples of convenient clock schemes
Clock scheme
Alternative(1)
1.
External clock oscillator used
Fxtal
8.55 MHz
74.1 MHz
Fcomp
Fxtal / 4
2.14 MHz
Fxtal/21
3.53 MHz
Fvco
Fcomp * 106
226.58 MHz
Fcomp * 64
225.8 MHz
Fdsp
Fvco / 3
75.53 MHz
Fvco / 3
75.28 MHz
Fcodec
Fvco / 10
22.66 MHz
Fvco / 10
22.58 MHz
Fs
44.25 kHz
44.11 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com