Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 6Page - STMicroelectronics TDA7505 Datasheet HTML 7Page - STMicroelectronics TDA7505 Datasheet HTML 8Page - STMicroelectronics TDA7505 Datasheet HTML 9Page - STMicroelectronics TDA7505 Datasheet HTML 10Page - STMicroelectronics TDA7505 Datasheet HTML 11Page - STMicroelectronics TDA7505 Datasheet HTML 12Page - STMicroelectronics TDA7505 Datasheet HTML 13Page - STMicroelectronics TDA7505 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Pin description
TDA7505
10/38
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
25
DSRA<3>
DSRA<3>
I/O
0
1
1
Z
In/Out 2mA PP
In/Out 2mA PP
EMI SRAM Data 3
EMI DRAM Data 3
26 DSRA<4>
I/O
0
1
1
Z
In/Out 2mA PP
EMI SRAM Data 4
27 DSRA<5>
I/O
0
1
1
Z
In/Out 2mA PP
EMI SRAM Data 5
28 DSRA<6>
I/O
0
1
1
Z
In/Out 2mA PP
EMI SRAM Data 6
29 DSRA<7>
I/O
0
1
1
Z
In/Out 2mA PP
EMI SRAM Data 7
30
SRA<0>
SRA<0>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 0
EMI DRAM Address 0
31
SRA<1>
SRA<1>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 1
EMI DRAM Address 1
N°
Name
Type
Voltage
Function
32 VDD3V3_2
S
3.3V
Digital Supply dedicated to I/O structures
33 GND3V3_2
S
0V
Digital Ground dedicated to I/O structures
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
34
SRA<2>
SRA<2>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 2
EMI DRAM Address 2
35
SRA<3>
SRA<3>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 3
EMI DRAM Address 3
36
SRA<4>
SRA<4>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 4
EMI DRAM Address 4
37
SRA<5>
SRA<5>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 5
EMI DRAM Address 5
38
SRA<6>
SRA<6>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 6
EMI DRAM Address 6
39
SRA<7>
SRA<7>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 7
EMI DRAM Address 7
40
SRA<8>
SRA<8>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 8
EMI DRAM Address 8
N°
Name
Type
Reset
state
After boot with
I/O
Function
SPI
I2C *
EMI
41
SRA<9>
SRA<9>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 9
EMI DRAM Address 9
42
SRA<10>
SRA<10>
O0
1
1
0/1
Output 2mA PP
Output 2mA PP
EMI SRAM Address 10
EMI DRAM Address 10
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com