Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics TDA7505 Datasheet HTML 29Page - STMicroelectronics TDA7505 Datasheet HTML 30Page - STMicroelectronics TDA7505 Datasheet HTML 31Page - STMicroelectronics TDA7505 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Functional description
TDA7505
28/38
5.2
DSP peripherals
There are a number of peripherals that are tightly coupled to the two DSP Cores. Some of
the peripherals are connected to DSP 0 others are connected to DSP 1.
●
4k x 24-Bit Program RAM for DSP0
●
16k x 24-Bit mask programmable Program ROM for DSP0
●
4k x 24-Bit X-Data RAM for DSP0
●
4k x 24-Bit Y-Data RAM for DSP0
●
4k x 24-Bit Program RAM for DSP1
●
16k x 24-Bit mask programmable Program ROM for DSP1
●
4k x 24-Bit X-Data RAM for DSP1
●
4k x 24-Bit mask programmable X-Data ROM for DSP1
●
4k x 24-Bit Y-Data RAM for DSP1
●
6 channel Serial Audio Interface (SAI)
●
2 channel SPDIF receiver with sampling rate conversion
●
I2C and SPI interfaces
●
XCHG Interface for DSP to DSP communication
●
External Memory Interface (DRAM/SRAM) for time-delay and traffic information
●
Debug Port for both DSP´s
●
General-purpose Input/Output lines
●
Asynchronous Sample Rate Converter
●
SINCOS co-processor
●
PLL Clock Oscillator
●
ADC´s, ADC input multiplexer and DAC´s (see Section 5.2.12: CODEC on page 32)
5.2.1
Data and program memories
Both DSP0 and DSP1 have data and program memories attached to them. Each memory
type is described below:
X-RAM
This is a 24-Bit Single Port SRAM used for storing coefficients. The 16-Bit XRAM address,
XABx(15:0) is generated by the Address Generation Unit of the DSP core. The 24-Bit XRAM
Data, XDBx(23:0), may be written to and read from the Data ALU of the DSP core.
X-ROM
This is a 24-Bit Single Port mask programmable ROM used for storing coefficients. The 16-
Bit XRAM address, XABx(15:0) is generated by the Address Generation Unit of the DSP
core. The 24-Bit XRAM Data, XDBx(23:0), may be read from the Data ALU of the DSP core.
Y-RAM
This is a 24-Bit Single Port SRAM used for storing coefficients. The 16-Bit address,
YABx(15:0) is generated by the Address Generation Unit of the DSP core. The 24-Bit Data,
YDBx(23:0), is written to and read from the Data ALU of the DSP core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com