Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 20Page - STMicroelectronics TDA7505 Datasheet HTML 21Page - STMicroelectronics TDA7505 Datasheet HTML 22Page - STMicroelectronics TDA7505 Datasheet HTML 23Page - STMicroelectronics TDA7505 Datasheet HTML 24Page - STMicroelectronics TDA7505 Datasheet HTML 25Page - STMicroelectronics TDA7505 Datasheet HTML 26Page - STMicroelectronics TDA7505 Datasheet HTML 27Page - STMicroelectronics TDA7505 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Electrical specifications
TDA7505
24/38
Figure 12.
Debug port read timing
Figure 13.
Debug port DBCK next command after read register timing
(Last)
DBCK
(input)
DBOUT
(output)
(7)
(Note 1)
Note:
1 High Impedance, external pull-down resistor
(8)
D02AU1369
(12)
DBCK
(input)
(NEXT COMMAND)
(11)
D02AU1370
Table 20.
ASRC
Symbol
Parameters
Test conditions
min
typ
max
Unit
THD+N
Total harmonic distortion +
noise, unweighted,
Fsin / Fsout = 0.82
(36 kHz
→ 44.1 kHz)
20 Hz–20 kHz, full scale, 16 bit inp.
-95
dB
20 Hz–20 kHz, Full scale, 20 bit inp.
-98
dB
1 kHz, full scale, 16 bit inp.
-95
dB
15 kHz, full scale, 16 bit inp.
-95
dB
1 kHz, full scale, 20 bit inp.
-105
dB
15 kHz, full scale, 20 bit inp.
-98
dB
DR
Dynamic range,
A-weighted, dithered input,
Fsin / Fsout = 0.82
(36 kHz
→ 44.1 kHz)
1 kHz, -60 dB, 16 bit inp.
98
dB
1 kHz, -60 dB, 16 bit inp.
120
dB
IPD
Interchannel phase deviation
0
deg
Input sample rate range
No input signal decimation
32
48
kHz
Input sample rate
Input signal decimation by 2
96
kHz
Output sample rate range
32
48
kHz
Digital filter
fp
Passband Frequency
0.4110
Fsin
Rp
Passband Ripple
0–0.4110 Fsin
-0.01
+0.01
dB
fs
Stopband Corner Frequency
0.5510
Fsin
Rs
Stopband Attenuation
@ fs
-120
dB
Table 21.
Fractional-N PLL
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fVCO
VCO output frequency
130
310
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com